PART |
Description |
Maker |
1N347 1N256 1N2029 1N2370 1N1342B 1N338 |
1 A, 100 V, SILICON, SIGNAL DIODE 1 A, 600 V, SILICON, SIGNAL DIODE 1 A, 400 V, SILICON, SIGNAL DIODE 1 A, 2000 V, SILICON, SIGNAL DIODE 6 A, 100 V, SILICON, RECTIFIER DIODE
|
|
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
RS0115B SPD0801SMS SPD0801SMSS SPD1001SMSS SPD0901 |
SCHOTTKY RECTIFIER 1 AMPS 80-100 VOLTS SCHOTTKY RECTIFER 1 A, 80 V, SILICON, SIGNAL DIODE 1 A, 100 V, SILICON, SIGNAL DIODE 1 A, 90 V, SILICON, SIGNAL DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC
|
SDA5000 SDA5000HF SDA12500 SDA15000 SDA8000 SDA100 |
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER 0.5 A, 10000 V, SILICON, SIGNAL DIODE 0.5 A, 12500 V, SILICON, SIGNAL DIODE 0.5 A, 22000 V, SILICON, SIGNAL DIODE 0.5 A, 19000 V, SILICON, SIGNAL DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC
|
ESH1B-E3 |
DIODE 1 A, 100 V, SILICON, SIGNAL DIODE, DO-214AC, LEAD FREE, PLASTIC, SMA, 2 PIN, Signal Diode
|
Vishay Semiconductors
|
BC548ABU BC548ATA BC548TAR BC548TF BC548D81Z |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MBRX05100-TP |
0.5 A, 100 V, SILICON, SIGNAL DIODE
|
MICRO COMMERCIAL COMPONENTS
|
CMDD4448TR |
0.25 A, 100 V, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
NRD4002TR-1.5K |
1 A, 100 V, SILICON, SIGNAL DIODE
|
NIC COMPONENTS CORP
|
LL4148 |
0.15 A, 100 V, SILICON, SIGNAL DIODE
|
LITE-ON SEMICONDUCTOR CORP
|
RL205M12 1N5395M12 1A6-J RL1N4001-N RECTRONLTD-1A1 |
2 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 1.5 A, 400 V, SILICON, RECTIFIER DIODE, DO-15 1 A, 800 V, SILICON, SIGNAL DIODE 1 A, 50 V, SILICON, SIGNAL DIODE 2.5 A, 100 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD
|
|